PART |
Description |
Maker |
VS-502-DFF-GNN-983.0400 VS-502-DFF-GNN-696.4215 VS |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 983.04 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 696.4215 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 1000 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 640 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 930 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 1344.32 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 480 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 1330 MHz
|
VECTRON INTERNATIONAL
|
M685 M685-02-AB-AD M685-01-BA-BH M685-01-BB-BD M68 |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 625 MHz DUAL SAW, SELECTABLE FREQUENCY VCSO From old datasheet system VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 161.1328 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 672.16 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 164.3555 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 155.52 MHz
|
http:// ICST[Integrated Circuit Systems] INTEGRATED DEVICE TECHNOLOGY INC
|
M660-02-AL M660-02 M660-02-AA M660-02-AB M660-02-A |
DUAL SAW, SELECTABLE FREQUENCY VCSO DUAL SAW / SELECTABLE FREQUENCY VCSO VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 693.483 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 672.16 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 669.3265 MHz
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] INTEGRATED DEVICE TECHNOLOGY INC
|
VS-500-LFF-GNN-669.128MHZ |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 669.128 MHz
|
VECTRON INTERNATIONAL
|
VC-400-JFF-505H155.52 VC-400 VC-400-CCB-205G155.52 |
VCXO, CLOCK, 155.52 MHz, ECL OUTPUT VCXO, CLOCK, 10 MHz - 170 MHz, PECL OUTPUT VCXO, CLOCK, 10 MHz - 170 MHz, ECL OUTPUT VCXO, CLOCK, 155.52 MHz, PECL OUTPUT Voltage Controlled Crystal Oscillators (VCXO’s) Voltage Controlled Crystal Oscillators (VCXO??)
|
VECTRON[Vectron International, Inc]
|
X24165 X24165P X24165P-2.7 X24165PI X24165PI-2.7 X |
Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High IC LDO REG 3A 5.5V W/ENBL 8-SOIC Advanced 2-Wire Serial E2PROM with Block Lock Protection
|
XICOR[Xicor Inc.]
|
CVLD-025 CVLD-025-50-155.520 |
Differential LVDS Voltage Controlled Clock Oscillator 5X7 mm SMD, 2.5V, LVDS
|
Crystek Corporation
|
XOVC-23AA-327ME4 XOVC-23A-327ME4 XOVC-23A-227ME4 X |
Full Size Voltage Controlled Crystal Oscillators VCXO, CLOCK, 1 MHz - 40 MHz, CMOS OUTPUT
|
Vishay Siliconix http:// VISHAY DALE
|
VTD3 VTD3-H12D-13M00 VTD3-J21A-12M80 VTD3-H23C-11M |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLOCK, 13 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11 MHz, CMOS OUTPUT TCVCXO, CLOCK, 16.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 14.31818 MHz, CMOS OUTPUT TCVCXO, CLOCK, 44.736 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.44 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.68 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.5 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
VXCO-5001-ECT-G VXCO-5001-ECT-K VXCO-5001-DAT-G VX |
VCXO, CLOCK, 1 MHz, ACMOS OUTPUT VCXO, CLOCK, 10 MHz, ACMOS OUTPUT VCXO, CLOCK, 15 MHz, PECL OUTPUT Voltage Controlled Crystal Oscillator
|
http:// Vectron International, Inc
|
|